Part Number Hot Search : 
9290X02 MAX81405 P328G EHS2Z1 MTZJ18 MAX815N EHS2Z1 MC20A
Product Description
Full Text Search
 

To Download XH472 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 rated voltage 500vac features applications electrical specifications operating temperature:-40~+100c dimensions circuit 500vac rated capacitor designed for use in high voltage system. suppressing noise occurring in large power systems, such as 3 phase 500vac inverters, and welding machines. ul cul tv :ul60384-14 :csa e60384-14 :iec/en 60384-14 e47474 e47474 j9650619 safety standard file no. safety standard class model number capacitance f20% dimensions wh t f d dissipation factor insulation resistance test voltage 12.5 5.5 xh102 xh152 xh222 xh332 XH472 xh682 xh103 xh153 xh223 xh333 xh473 xh683 xh104 xh154 xh224 xh334 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 xh474 0.47 25.0 30.0 31.0 36.0 13.5 15.0 16.0 17.5 19.5 22.0 6.5 8.0 6.5 8.0 10.0 11.0 24.5 28.0 33.5 13.5 16.0 22.0 17.0 22.5 27.5 32.5 0.8 1.0 15.0 unit: mm f1.0 w0.5 t0.5 d0.05 h0.5 15min. model numbering system xh series name capacitance x2 0.01max. (at 1khz) line to case 2,200vac 50/60hz 60sec line to case 100,000m min. (at 500vdc) line to line 15,000m min. (at 500vdc) line to line 5,000 ?fmin. (at 500vdc) line to line 2,200vac 50/60hz 60sec line to line 2,000vac 50/60hz 60sec xh series noise suppression capacitor


▲Up To Search▲   

 
Price & Availability of XH472

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X